Part Number Hot Search : 
AVD035P 1SS400 T274MB MJL0281A BA033C FR2S1030 PA240 RF2628
Product Description
Full Text Search
 

To Download MBRF10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF1020
Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
THRU MBRF10100
10 Amp
Schottky
Features
* * * * * Low Power Loss High Efficiency Low Forward Voltage , High Current Capability High surge capacity Case : ITO-220AC Full Molded Plastic Package
Barrier Rectifier 20 to 100 Volts
Maximum Ratings
* * Operating Junction Temperature: -50C to +150C Storage Temperature: -50C to +150C Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 50V 60V 80V 90V 100V Maximum RMS Voltage 14V 21V 26V 35V 42V 56V 63V 80V Maximum DC Blocking Voltage 20V 30V 40V 50V 60V 80V 90V 100V
C J
ITO-220AC
B K L D A
PIN 1 2
Catalog Number MBRF1020 MBRF1030 MBRF1040 MBRF1050 MBRF1060 MBRF1080 MBRF1090 MBRF10100
E F H G I M
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 1020-1040 1050-1060 1080-10100 Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 10 A 150A TC = 100C 8.3ms, half sine
DIM A B C D E F G H I J K L M
PIN 1 PIN 2
MM MIN 14.80 --2.55 6.30 --13.00 MAX 15.40 10.30 2.85 6.90 4.10 13.80 5.10 --0.90 --0.80 3.00 3.40 --4.80 --3.10 2.50 2.90
VF
.55V .75V .85V
TJ = 25C IFM = 10A;
IR
0.5mA 50mA
TC = 25C TC = 100C
INCHES MIN MAX .583 .606 --.406 .100 .112 .248 .272 --.161 .512 .543 .200 --.035 --.032 .118 .134 --.189 --.123 .098 .114
. www cnelectr.com
MBRF1020 thru MBRF10100
INSTANTANEOUS FORWARD CURRENT AMPERES
40 20 20. 30. 40V 10 8 6 4 2 1.0 .8 . .6 .4 .2 .1 .4 .5 .6 .7 .8 9 1.0 1.1 50. 60V 80. 100V
AVERAGE FORWARD CURRENT, AMPERES
10 8 6 4 2 0 0 50 100 150
TJ = 25 J PULSE WIDTH = 200gs
CASE TEMPERATURE, J
INSTANTANEOUS FORWARD CHARACTERISTIC
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTNATANEOUS FORWARD CHARACTERISTIC
INSTANTANEOUS REVERSE CURRENT, MILLAMPERES
100
TC = 100 J
PEAK FORWARD SURGE CURRENT, AMPERES
150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8.3ms SINGLE HALF SINE WAVE JEDEC METHOD
10
TC = 75 J 1.0
.1
TC = 25 J
.01 0 100 200 300
NO. OF CYCLES AT 60Hz
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-MAXIMUM NON-REPETITIVE SURGE CURRENT
400
CAPACITANCE, pF
350 300 250 TJ = 25 J 200 150
1
2
5
20
50
100 200
500
REVERSE VOLTAGE, VOLTS
Fig. 5-TYPICAL JUNCTION CAPACITANCE
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MBRF10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X